PART |
Description |
Maker |
V162X-40-25 V162X-32-16 V162X-15-2.5 V162X-25-10 V |
EXTERNAL THREADED END-CONNECTION LINEAR VALVE PN16
|
Trend
|
0585500003 |
HMC?/a> Rectangular Industrial End Bell Cap Assembly, PG29, 24.00 to 28.00 dia. WireSize, Yellow Bush, for External Threaded Hoods
|
Molex Electronics Ltd.
|
58866-0001 0588660001 |
HMC Rectangular Industrial End Bell Cap Assembly, PG36, 24.00 to 28.00mm (.945 to 1.102) dia. Wire Size, Yellow Bush, for External Threaded Hoods HMC?/a> Rectangular Industrial End Bell Cap Assembly, PG36, 24.00 to 28.00mm (.945 to 1.102) dia. Wire Size, Yellow Bush, for External Threaded Hoods
|
Molex Electronics Ltd.
|
58866-0000 0588660000 |
HMC Rectangular Industrial End Bell Cap Assembly, PG36, 29.00 to 33.00mm(1.142 to 1.299) dia. Wire Size, Black Bush, for External Threaded Hoods HMC?/a> Rectangular Industrial End Bell Cap Assembly, PG36, 29.00 to 33.00mm(1.142 to 1.299) dia. Wire Size, Black Bush, for External Threaded Hoods
|
Molex Electronics Ltd.
|
V5011S1054 V5011S1005 V5011S1088 V5011S1062 V5011S |
INTERNAL THREADED END-CONNECTION LINEAR VALVE PN16
|
Honeywell
|
451-90-216-00-017 350-10-116-00-001 350-90-116-00- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE 电路板连接器2.54毫米单列/双列焊尾 External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes CRIMP SHELLS DB50 FEMALE HOOD DB50 PLASTIC 10 PACK External Plug-In Power Supply; Series:; Output Voltage:9V; Output Power Max:30W; Output Current:3.33A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:81% RoHS Compliant: Yes DB-50 PLASTIC HOOD CRIMP SHELLS, DB50 FEMALE External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No TV CABLE (RG-6); SCREW ON (THREADED) 6FT WHITE TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
C1860-105-CPS C1836-110-CPS C1836-108-CPS C1836-20 |
ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
COLE INSTRUMENT CORP
|
MA8121K |
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V Voltage Regulator
|
List of Unclassifed Man...
|
X76F128 X76F128H X76F128H-2.7 X76F128HE X76F128HE- |
PSU, DIN RAIL, 24V, 100MA; Power rating:2.4W; Current, output:100mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Secure SerialFlash 安全SerialFlash
|
http:// XICOR[Xicor Inc.]
|
0022162180-17 |
KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm Gold (Au), 18 Circuits
|
Molex Electronics Ltd.
|
M48T129 M48T129Y-70PM1 M48T129V-85CS1 M48T129Y-85C |
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM Safety Sign; Legend:Danger Chlorine; External Height:7"; External Width:10"; Body Material:Polyester; Color:Red/Black RoHS Compliant: NA 3.3 - 5V兆位的SRAM 128KB的x8计时
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
|